Part Number Hot Search : 
NF03L SEL1513E FP1013A N4744 60PE31 PEMB1 SMCG51C 150L40AM
Product Description
Full Text Search
 

To Download QRF1410T30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
QR_1410T30 100 Amp/1400 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module 100 Amp/1400 Volts
Description:
Powerex Fast Recovery Diode Modules are designed for use in applications requiring fast switching. The modules are isolated for easy mounting with other components on a common heatsink.
QRD
QR_1410T30 Fast Recovery Diode Module 100 Amperes / 1400 Volts
Features:
Fast Recovery Time Isolated Mounting Metal Baseplate Low Thermal Impedance 3000 V isolating voltage
QRC
QRF
Applications:
Switching Power Supplies Inverters Choppers Welding Power Supplies Free Wheeling Diode High Frequency Rectifiers
Dimensions A B C D E F G H J K Inches 3.70 1.34 1.18 3.15 0.67 0.28 0.67 0.91 0.91 M6X1.0 Millimeters 94 34 30 80 17 6.99 17.1 23 23 M6X1.0
Preliminary
QR_1410T30 100 Amp/1400 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module 100 Amp/1400 Volts
Absolute Maximum Ratings, TJ=25C unless otherwise specified
QRD1410T30 QRC1410T30 Characteristics Repetitive Peak Reverse Blocking Voltage Non-Repetitive Peak Reverse Blocking Voltage Average Forward Current Peak Half Cycle Non-Repetitive Surge Current I t for Fusing for One Cycle Operating Junction Temperature Storage Temperature Maximum Mounting Torque, M6 Mounting Screw Maximum Terminal Torque, M6 Terminal Screw Module Weight (Typical) V Isolation
2
Conditions 180 Conduction, Tc=25C t = 8.3mS, 100%VRRM Reapplied t = 8.3mS, 100%VRRM Reapplied 60 Hz, circuit to base, all terminals shorted, t = 1 sec
Symbol VRRM VRSM IF(AV) IFSM It TJ TSTG VRMS
2
QRF1410T30 1400 VRRM + 100 100 670 1870 -40 to 150 -40 to 150 26 26 220 3000
Units Volts Volts Amperes Amperes A sec C C In.-lb. In.-lb. Grams Volts
2
Electrical Characteristics, TJ=25C unless otherwise specified
Characteristics Peak Reverse Leakage Current Peak On-State Voltage Reverse Recovery Time Reverse Recovery Charge Symbol IRRM VFM trr Qrr Test Conditions Rated VRRM IF=100A IF = 100A, di/dt = -200A/s IF =100A, di/dt = -200A/s Min. Typ. 1.0 Max 1 3.8 300 Units mA Volts ns C
Thermal Characteristics, TJ=25C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Case to Sink Lubricated Symbol RJC RCS Per Diode Per Module Min. Typ. Max. 0.35 0.04 Units C/Watt C/Watt
Preliminary
QR_1410T30 100 Amp/1400 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module 100 Amp/1400 Volts


▲Up To Search▲   

 
Price & Availability of QRF1410T30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X